Part Number Hot Search : 
GP20A C5200 UTT60P03 2SK184 SC440 NCV33 LBS14 LA6517
Product Description
Full Text Search
 

To Download G5675 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.1 jul 22, 2011 tel: 886-3-5788833 http://www.gmt.com.tw 1 G5675 global mixed-mode technology inc. 5a synchronous step-down dc/dc features  5a output current *  75m w ww w internal power mosfet switch  stable with low esr output ceramic capacitors or poscaps  less than 1 a shutdown current  1mhz switching frequency  power good opened drain output  thermal shutdown  cycle-by-cycle over current protection  output adjustable from 0.6v to v in  available in tdfn3x3-10 package *the output voltage should be less then 1.8v. if th e vout set- ting is larger then 1.8v, the output current will b e less then 5a because of thermal protection. applications  nb  distributed power systems  pre-regulator for linear regulators general description the G5675 is a monolithic step-down switch mode regulator with a built in internal power mosfet. it achieves a continuous output current at 1mhz switch- ing frequency with excellent load and line regulatio n. current mode operation provides fast transient re- sponse and eases of loop stabilization. power good function delivers power supply ready signal to the l oad. fault condition protection includes cycle-by-cycle cur- rent limiting, output short circuit protection and thermal shutdown. in shutdown mode the regulator ground current is controlled less than 1 a. an internal soft-start minimizes the inrush supply current at i nitial startup. the G5675 requires a minimum number of readily available standard external components. it is avail able in tdfn3x3-10 package. ordering information order number marking temp. range package (green) G5675re1u 5675 -40 c to +85 c tdfn3x3-10 note: re: tdfn3x3-10 1 : bonding code u : tape & reel pin configuration typical application circuit tdfn3x3-10 4 G5675 1 23 8 7 6 pvin svin 5 9 10 pg tdfn3x3-10 4 1 23 8 7 6 lx lx lx pvin nc 5 9 10 en fb thermal pad note: recommend connecting the thermal pad to the ground for excellent power dissipation. svin fb lx gnd v in 2.2 h r1 40k w pvin 22 fx2 v out 1.8v/5a 20 f G5675 on off pg 10 w 0.1 f pgnd en 10k w r2 20k w v in tdfn3x3-10 4 G5675 1 23 8 7 6 pvin svin 5 9 10 pg tdfn3x3-10 4 1 23 8 7 6 lx lx lx pvin nc 5 9 10 en fb thermal pad note: recommend connecting the thermal pad to the ground for excellent power dissipation. svin fb lx gnd v in 2.2 h r1 40k w pvin 22 fx2 v out 1.8v/5a 20 f G5675 on off pg 10 w 0.1 f pgnd en 10k w r2 20k w v in


▲Up To Search▲   

 
Price & Availability of G5675

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X